Part Number Hot Search : 
FP3002 SMDB08 HIN230IB 100031 MM1095 300HS RN4606 NJU7074D
Product Description
Full Text Search
 

To Download MCP6052T-EMNY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCP6051/2/4
30 A, High Precision Op Amps
Features
* * * * * * * * Low Offset Voltage: 150 V (maximum) Low Quiescent Current: 30 A (typical) Rail-to-Rail Input and Output Wide Supply Voltage Range: 1.8V to 6.0V Gain Bandwidth Product: 385 kHz (typical) Unity Gain Stable Extended Temperature Range: -40C to +125C No Phase Reversal
Description
The Microchip Technology Inc. MCP6051/2/4 family of operational amplifiers (op amps) has low input offset voltage (150 V, maximum) and rail-to-rail input and output operation. This family is unity gain stable and has a gain bandwidth product of 385 kHz (typical). These devices operate with a single supply voltage as low as 1.8V, while drawing low quiescent current per amplifier (30 A, typical). These features make the family of op amps well suited for single-supply, high precision, battery-powered applications. The MCP6051/2/4 family is offered in single (MCP6051), dual (MCP6052), and quad (MCP6054) configurations. The MCP6051/2/4 is designed with Microchip's advanced CMOS process. All devices are available in the extended temperature range, with a power supply range of 1.8V to 6.0V.
Applications
* * * * * * * Automotive Portable Instrumentation Sensor Conditioning Battery Powered Systems Medical Instrumentation Test Equipment Analog Filters
Package Types
MCP6051 SOIC
NC 1 VIN- 2 VIN+ 3 VSS 4 8 NC 7 VDD 6 VOUT 5 NC
Design Aids
* * * * * * SPICE Macro Models FilterLab(R) Software MindiTM Circuit Designer & Simulator Microchip Advanced Part Selector (MAPS) Analog Demonstration and Evaluation Boards Application Notes
MCP6052 SOIC
VOUTA 1 VINA- 2 VINA+ 3 VSS 4 8 VDD 7 VOUTB 6 VINB- 5 VINB+
MCP6051 2x3 TDFN *
NC 1 VIN- 2 VIN+ 3 VSS 4 EP 9 8 NC 7 VDD 5 NC
MCP6052 2x3 TDFN *
VOUTA 1 VINA- 2 VSS 4 EP 9 8 VDD 7 VOUTB 6 VINB- 5 VINB+
Typical Application
RL ZIN MCP6051 C Z IN = R L + jL L = R L RC R Gyrator VOUT
6 VOUT VINA+ 3
MCP6054 SOIC, TSSOP
VOUTA 1 VINA- 2 VINA+ 3 VDD 4 VINB+ 5 VINB- 6 VOUTB 7 14 VOUTD 13 VIND- 12 VIND+ 11 VSS 10 VINC+ 9 VINC- 8 VOUTC
* Includes Exposed Thermal Pad (EP); see Table 3-1.
(c) 2009 Microchip Technology Inc.
DS22182A-page 1
MCP6051/2/4
NOTES:
DS22182A-page 2
(c) 2009 Microchip Technology Inc.
MCP6051/2/4
1.0
1.1
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Notice: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. See 4.1.2 "Input Voltage And Current Limits"
VDD - VSS ........................................................................7.0V Current at Input Pins .....................................................2 mA Analog Inputs (VIN+, VIN-) .......... VSS - 1.0V to VDD + 1.0V All Other Inputs and Outputs ......... VSS - 0.3V to VDD + 0.3V Difference Input Voltage ...................................... |VDD - VSS| Output Short-Circuit Current .................................continuous Current at Output and Supply Pins ............................30 mA Storage Temperature ....................................-65C to +150C Maximum Junction Temperature (TJ).......................... +150C ESD protection on all pins (HBM; MM) ................ 4 kV; 400V
1.2
Specifications
DC ELECTRICAL SPECIFICATIONS
TABLE 1-1:
Electrical Characteristics: Unless otherwise indicated, VDD = +1.8V to +6.0V, VSS= GND, TA= +25C, VCM = VDD/2, VOUT VDD/2, VL = VDD/2 and RL = 100 k to VL. (Refer to Figure 1-1). Parameters Input Offset Input Offset Voltage Input Offset Drift with Temperature VOS VOS/TA VOS/TA Power Supply Rejection Ratio Input Bias Current and Impedance Input Bias Current IB IB IB Input Offset Current Common Mode Input Impedance Differential Input Impedance Common Mode Common Mode Input Voltage Range Common Mode Rejection Ratio VCMR VCMR CMRR VSS-0.2 VSS-0.3 74 74 72 74 Note 1: -- -- 90 91 87 89 VDD+0.2 VDD+0.3 -- -- -- -- V V dB dB dB dB VDD = 1.8V (Note 1) VDD = 6.0V (Note 1) VCM = -0.2V to 2.0V, VDD = 1.8V VCM = -0.3V to 6.3V, VDD = 6.0V VCM = 3.0V to 6.3V, VDD = 6.0V VCM = -0.3V to 3.0V, VDD = 6.0V IOS ZCM ZDIFF -- -- -- -- -- -- 1.0 60 1100 1.0 1013||6 1013||6 100 -- 5000 -- -- -- pA pA pA pA ||pF ||pF TA = +85C TA = +125C PSRR -150 -- -- 70 -- 1.5 4.0 87 +150 -- -- -- V VDD = 3.0V, VCM = VDD/3 Sym Min Typ Max Units Conditions
V/C TA= -40C to +85C, VDD = 3.0V, VCM = VDD/3 V/C TA= +85C to +125C, VDD = 3.0V, VCM = VDD/3 dB VCM = VSS
Figure 2-13 shows how VCMR changed across temperature.
(c) 2009 Microchip Technology Inc.
DS22182A-page 3
MCP6051/2/4
TABLE 1-1: DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VDD = +1.8V to +6.0V, VSS= GND, TA= +25C, VCM = VDD/2, VOUT VDD/2, VL = VDD/2 and RL = 100 k to VL. (Refer to Figure 1-1). Parameters Open-Loop Gain DC Open-Loop Gain (Large Signal) Output Maximum Output Voltage Swing Output Short-Circuit Current Power Supply Supply Voltage Quiescent Current per Amplifier Note 1: VDD IQ 1.8 15 -- 30 6.0 45 V A IO = 0, VDD = 6.0V VCM = 0.9VDD VOL, VOH ISC VSS+15 -- -- -- 5 26 VDD-15 -- -- mV mA mA G = +2 V/V, 0.5V input overdrive VDD = 1.8V VDD = 6.0V AOL 95 115 -- dB 0.2V < VOUT <(VDD-0.2V) VCM = VSS Sym Min Typ Max Units Conditions
Figure 2-13 shows how VCMR changed across temperature.
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25C, VDD = +1.8 to +6.0V, VSS = GND, VCM = VDD/2, VOUT VDD/2, VL = VDD/2, RL = 100 k to VL and CL = 60 pF. (Refer to Figure 1-1). Parameters AC Response Gain Bandwidth Product Phase Margin Slew Rate Noise Input Noise Voltage Input Noise Voltage Density Input Noise Current Density Eni eni ini -- -- -- 5.0 34 0.6 -- -- -- Vp-p nV/Hz fA/Hz f = 0.1 Hz to 10 Hz f = 10 kHz f = 1 kHz GBWP PM SR -- -- -- 385 61 0.15 -- -- -- kHz V/s G = +1 V/V Sym Min Typ Max Units Conditions
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
Parameters Sym TA TA JA JA JA JA Min -40 -65 -- -- -- -- Typ -- -- 41 149.5 95.3 100 Max +125 +150 -- -- -- -- Units C C C/W C/W C/W C/W Conditions Note 1
Electrical Characteristics: Unless otherwise indicated, VDD = +1.8V to +6.0V and VSS = GND. Temperature Ranges Operating Temperature Range Storage Temperature Range Thermal Package Resistances Thermal Resistance, 8L-2x3 TDFN Thermal Resistance, 8L-SOIC Thermal Resistance, 14L-SOIC Thermal Resistance, 14L-TSSOP Note 1:
The internal junction temperature (TJ) must not exceed the absolute maximum specification of +150C.
DS22182A-page 4
(c) 2009 Microchip Technology Inc.
MCP6051/2/4
1.3 Test Circuits
CF 6.8 pF RG 100 k VP VIN+ MCP605X VIN- VM RG 100 k RF 100 k CF 6.8 pF RL 10 k VOUT CL 60 pF CB1 100 nF RF 100 k VDD VDD/2 The circuit used for most DC and AC tests is shown in Figure 1-1. This circuit can independently set VCM and VOUT; see Equation 1-1. Note that VCM is not the circuit's common mode voltage ((VP + VM)/2), and that VOST includes VOS plus the effects (on the input offset error, VOST) of temperature, CMRR, PSRR and AOL.
EQUATION 1-1:
G DM = R F R G V CM = ( V P + V DD 2 ) 2
CB2 1 F
V OUT = ( V DD 2 ) + ( V P - V M ) + V OST ( 1 + G DM ) Where: GDM = Differential Mode Gain VCM = Op Amp's Common Mode Input Voltage VOST = Op Amp's Total Input Offset Voltage (V/V) (V) (mV)
V OST = V IN- - V IN+
VL
FIGURE 1-1: AC and DC Test Circuit for Most Specifications.
(c) 2009 Microchip Technology Inc.
DS22182A-page 5
MCP6051/2/4
NOTES:
DS22182A-page 6
(c) 2009 Microchip Technology Inc.
MCP6051/2/4
2.0
Note:
TYPICAL PERFORMANCE CURVES
The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Note: Unless otherwise indicated, TA = +25C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT VDD/2, VL = VDD/2, RL = 100 k to VL and CL = 60 pF.
14% 12% 10% 8% 6% 4% 2% 0% -90 -60 30 60 -150 -120 90 120 150 -30 0 Input Offset Voltage (V)
Input Offset Voltage (V)
1244 Samples VDD = 3.0V VCM = VDD /3
750 600 450 300 150 0 -150 -300 -450 -600 -750 -0.5
Percentage of Occurences
VDD = 6.0V
Representative Part
T A = -40C T A = +25C T A = +85C T A = +125C
4.0
6.0
0.5
1.0
1.5
2.5
3.0
3.5
4.5
5.0
5.5
0.0
2.0
Common Mode Input Voltage (V)
FIGURE 2-1: VDD = 3.0V.
27% 24% 21% 18% 15% 12% 9% 6% 3% 0%
Input Offset Voltage with
FIGURE 2-4: Input Offset Voltage vs. Common Mode Input Voltage with VDD = 6.0V.
750 600 450 300 150 0 -150 -300 -450 -600 -750 -0.2 -0.5
Percentage of Occurences
Input Offset Voltage (V)
1244 Samples VDD = 3.0V VCM = VDD/3 TA = -40C to +85C
VDD = 3.0V
Representative Part
TA = -40C TA = +25C TA = +85C TA = +125C
-8
-20
-16
-12
-4
0
4
8
12
16
20
1.9
3.1
0.1
0.4
0.7
1.3
1.6
2.5
2.8
1.0
2.2
Input Offset Drift with Temperature (V/C)
Common Mode Input Voltage (V)
FIGURE 2-2: Input Offset Voltage Drift with VDD = 3.0V and TA +85C.
27% 24% 21% 18% 15% 12% 9% 6% 3% 0% -8 -12 -20 -16 -4 16 0 4 8 12 Input Offset Drift with Temperature (V/C) 20
FIGURE 2-5: Input Offset Voltage vs. Common Mode Input Voltage with VDD = 3.0V.
Percentage of Occurences
1244 Samples VDD = 3.0V VCM = VDD/3 TA = +85C to +125C
FIGURE 2-3: Input Offset Voltage Drift with VDD = 3.0V and TA +85C.
FIGURE 2-6: Input Offset Voltage vs. Common Mode Input Voltage with VDD = 1.8V.
(c) 2009 Microchip Technology Inc.
DS22182A-page 7
3.4
6.5
MCP6051/2/4
Note: Unless otherwise indicated, TA = +25C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT VDD/2, VL = VDD/2, RL = 100 k to VL and CL = 60 pF.
350 Input Offset Voltage (V) 250 150 50 -50 -150 -250 -350 0.5 2.0 4.5 0.0 1.0 1.5 2.5 3.0 3.5 4.0 5.0 5.5 Output Voltage (V) 6.0
VDD = 1.8V VDD = 3.0V VDD = 6.0V Representative Part
50 45 40 35 30 25 20 15 10 5 0 -0.5
Input Noise Voltage Density (nV/Hz)
f = 10 kHz VDD = 6.0V
0.0
4.5
5.0
3.5
4.0
0.5
1.0
1.5
2.0
2.5
3.0
5.5
6.0
Common Mode Input Voltage (V)
FIGURE 2-7: Output Voltage.
750 600 450 300 150 0 -150 -300 -450 -600 -750 1.0
Input Offset Voltage vs.
FIGURE 2-10: Input Noise Voltage Density vs. Common Mode Input Voltage.
110 CMRR, PSRR (dB)
Input Offset Voltage (V)
TA = TA = TA = TA =
+125C +85C +25C -40C
Representative Part
100 90 80 70 60 50 40 30 20 10 10
PSRR-
Representative Part
CMRR
PSRR+
4.5
1.5
2.5
3.0
4.0
5.0
5.5
6.5
2.0
3.5
6.0
Power Supply Voltage (V)
100 100
1k 10k 1000 10000 Frequency (Hz)
100k 1M 100000 1000000
FIGURE 2-8: Input Offset Voltage vs. Power Supply Voltage.
1,000
FIGURE 2-11: Frequency.
110 105 100 95 90 85 80 75 70 65 60 -50
CMRR, PSRR vs.
Input Noise Voltage Density (nV/Hz)
100
PSRR,CMRR (dB)
CMRR (VDD = 6.0V, VCM = -0.3V to 6.3V)
PSRR (VDD = 1.8V to 6.0V, VCM = VSS)
10 0.1 0.1
11
10 10
100 100
10000 100000 1k1000 10k 100k
Frequency (Hz)
-25
0 25 50 75 100 Ambient Temperature (C)
125
FIGURE 2-9: vs. Frequency.
Input Noise Voltage Density
FIGURE 2-12: Temperature.
CMRR, PSRR vs. Ambient
DS22182A-page 8
(c) 2009 Microchip Technology Inc.
6.5
MCP6051/2/4
Note: Unless otherwise indicated, TA = +25C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT VDD/2, VL = VDD/2, RL = 100 k to VL and CL = 60 pF.
0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 -0.05 -0.10 -0.15 -0.20 -0.25 -0.30 -0.35 45 40
VDD - VOH @ VDD = 6.0V @ VDD = 3.0V @ VDD = 1.8V VOL - VSS @ VDD = 1.8V VOL - VSS @ VDD = 3.0V VOL - VSS @ VDD = 6.0V
Common Mode Input Voltage Range Limit (V)
Quiescent Current (A/Amplifier)
35 30 25 20 15 10
VDD = 6.0V VCM = 0.9VDD
VDD = 1.8V VCM = 0.9VDD
-50
-25
0 25 50 75 100 Ambient Temperature (C)
125
-50
-25
0 25 50 75 100 Ambient Temperature (C)
125
FIGURE 2-13: Common Mode Input Voltage Range Limit vs. Ambient Temperature.
10000
FIGURE 2-16: Quiescent Current vs Ambient Temperature with VCM = 0.9VDD.
45 Quiescent Current (uA)
Input Bias and Offset Currents (pA)
VDD = 6.0V VCM = VDD
40 35 30 25 20 15 10 5 0
VDD = 6.0V VCM = 0.9VDD
1000 100 10
Input Offset Current Input Bias Current
TA = +125C TA = +85C TA = +25C TA = -40C
25
45 65 85 105 Ambient Temperature (C)
125
Power Supply Voltage (V)
FIGURE 2-14: Input Bias, Offset Currents vs. Ambient Temperature.
10000 Input Bias Current (pA)
VDD = 6.0V
FIGURE 2-17: Quiescent Current vs. Power Supply Voltage with VCM = 0.9VDD.
120 Open-Loop Gain (dB) 100 80 60 40 20 0 -20
1.E-01
0
Open-Loop Gain
1000
TA = +125C
-60
Open-Loop Phase
100 10 1 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 Common Mode Input Votlage (V)
TA = +85C
-90 -120 -150
VDD = 6.0V
-180 100 1k -210 10k 100k 1M 10M
0.1
1.E+00 1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
1
10
Frequency (Hz)
FIGURE 2-15: Input Bias Current vs. Common Mode Input Voltage.
FIGURE 2-18: Frequency.
Open-Loop Gain, Phase vs.
(c) 2009 Microchip Technology Inc.
DS22182A-page 9
Open-Loop Phase ()
-30
7.0
0.5
1.0
2.0
2.5
3.0
4.0
4.5
5.0
6.0
6.5
0.0
1.5
3.5
5.5
1
MCP6051/2/4
Note: Unless otherwise indicated, TA = +25C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT VDD/2, VL = VDD/2, RL = 100 k to VL and CL = 60 pF.
150 145 140 135 130 125 120 115 110 105 100 1.5 0.9 Gain Bandwidth Product (MHz) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 2.0 2.5 3.0 3.5 4.0 4.5 5.0 Power Supply Voltage (V) 5.5 6.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 Common Mode Input Voltage (V)
VDD = 6.0V G = +1 V/V Phase Margin Gain Bandwidth Product
180 160 120 100 80 60 40 20 0 Phase Margin () Phase Margin () Phase Margin () 140
DC-Open Loop Gain (dB)
RL = 100 k VSS + 0.2V < VOUT < VDD - 0.2V
FIGURE 2-19: DC Open-Loop Gain vs. Power Supply Voltage.
150 145 VDD = 6.0V 140 135 130 125 120 VDD = 1.8V 115 110 Large Signal AOL 105 100 0.00 0.05 0.10 0.15 0.20 0.25 Output Voltage Headroom VDD - VOH or VOL - VSS (V)
FIGURE 2-22: Gain Bandwidth Product, Phase Margin vs. Common Mode Input Voltage.
0.9 Gain Bandwidth Product (MHz) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -50
VDD = 6.0V G = +1 V/V Phase Margin Gain Bandwidth Product
180 160 140 120 100 80 60 40 20
DC-Open Loop Gain (dB)
0 -25 0 25 50 75 100 125 Ambient Temperature (C)
FIGURE 2-20: DC Open-Loop Gain vs. Output Voltage Headroom.
Channel to Channel Separation (dB) 140 130 120 110 100 90
Input Referred
FIGURE 2-23: Gain Bandwidth Product, Phase Margin vs. Ambient Temperature.
0.9 Gain Bandwidth Product (MHz) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 -50 -25 0 25 50 75 100 Ambient Temperature (C)
VDD = 1.8V G = +1 V/V Phase Margin Gain Bandwidth Product
180 160 140 120 100 80 60 40 20 0 125
80 100 100
1k 1000
10k 100k 10000 100000 Frequency (Hz)
1M 1000000
FIGURE 2-21: Channel-to-Channel Separation vs. Frequency ( MCP6052/4 only).
FIGURE 2-24: Gain Bandwidth Product, Phase Margin vs. Ambient Temperature.
DS22182A-page 10
(c) 2009 Microchip Technology Inc.
MCP6051/2/4
Note: Unless otherwise indicated, TA = +25C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT VDD/2, VL = VDD/2, RL = 100 k to VL and CL = 60 pF.
Output Voltage Headroom (mV) Output Short Circuit Current (mA) 40 35 30 25 20 15 10 5 0 2.5 0.0 0.5 1.0 1.5 2.0 3.0 3.5 4.0 4.5 5.0 5.5 6.0 Power Supply Voltage (V)
T A = -40C T A = +25C T A = +85C T A = +125C
16.0 14.0 12.0 10.0 8.0 6.0 4.0 2.0 0.0 -50 -25 0 25 50 75 100 Ambient Temperature (C) 125 VSS - VOL VDD - VOH
FIGURE 2-25: Ouput Short Circuit Current vs. Power Supply Voltage.
10 Output Voltage Swing (V P-P)
FIGURE 2-28: Output Voltage Headroom vs. Ambient Temperature.
0.30 0.25
Falling Edge, VDD = 6.0V Falling Edge, VDD = 1.8V
VDD = 6.0V
VDD = 1.8V
Slew Rate (V/s)
0.20 0.15 0.10 0.05
Rising Edge, VDD = 6.0V Rising Edge, VDD = 1.8V
1
0.1 100 100
1k 1000
10k 100k 10000 100000 Frequency (Hz)
1M 1000000
0.00 -50 -25 0 25 50 75 100 Ambient Temperature (C) 125
FIGURE 2-26: Frequency.
70 65 60 55 50 45 40 35 30 25 20 15 10 0.1
Output Voltage Swing vs.
FIGURE 2-29: Temperature.
Slew Rate vs. Ambient
Ratio of Output Headroom to Current (mV/mA)
(VOL - VSS)/(-IOUT)
VDD = 1.8V
(VDD - VOH)/IOUT
Output Voltage (20mV/div)
(VDD - VOH)/IOUT
(VOL - VSS)/(-IOUT) VDD = 6.0V
VDD = 6.0V G = +1 V/V
1 Output Current (mA)
10
Time (2 s/div)
FIGURE 2-27: Ratio of Output Voltage Headroom to Output Current vs. Output Current.
FIGURE 2-30: Pulse Response.
Small Signal Non-Inverting
(c) 2009 Microchip Technology Inc.
DS22182A-page 11
MCP6051/2/4
Note: Unless otherwise indicated, TA = +25C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT VDD/2, VL = VDD/2, RL = 100 k to VL and CL = 60 pF.
7.0 Output Voltage (20mV/div) 6.0 Output Voltage (V)
VDD = 6.0V G = -1 V/V
5.0 4.0 3.0 2.0 1.0 0.0
VDD = 6.0V G = +2 V/V VIN
VOUT
Time (2 s/div)
-1.0 Time (0.1 ms/div)
FIGURE 2-31: Response.
6.0 5.5 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0
Small Signal Inverting Pulse
FIGURE 2-34: The MCP6051/2/4 Shows No Phase Reversal.
10000 Closed Loop Output Impedance ()
Output Voltage (V)
1000 100
GN : 101 V/V 11 V/V 1 V/V
VDD = 6.0V G = +1 V/V
10 1
1.0E+01
10
1.0E+02 100
Time (0.02 ms/div)
1.0E+04 1k 10k Frequency (Hz)
1.0E+03
1.0E+05 100k
1.0E+06 1M
FIGURE 2-32: Pulse Response.
5.5 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -0.5
Large Signal Non-Inverting
FIGURE 2-35: Closed Loop Output Impedance vs. Frequency.
1.E-03 1m
Output Voltage (V)
VDD = 6.0V G = -1 V/V
1.E-04 100 10 1.E-05 -IIN (A)
1 1.E-06 100n 1.E-07 10n 1.E-08 1n 1.E-09 100p 1.E-10 10p 1.E-11 1p 1.E-12
TA = -40C TA = +25C TA = +85C TA = +125C
Time (0.02 ms/div)
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0 VIN (V)
FIGURE 2-33: Response.
Large Signal Inverting Pulse
FIGURE 2-36: Measured Input Current vs. Input Voltage (below VSS).
DS22182A-page 12
(c) 2009 Microchip Technology Inc.
MCP6051/2/4
3.0 PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
MCP6051 SOIC 6 2 3 7 -- -- -- -- -- -- 4 -- -- -- 1, 5, 8 --
PIN FUNCTION TABLE
MCP6052 SOIC 1 2 3 8 5 6 7 -- -- -- 4 -- -- -- -- -- 2x3 TDFN 1 2 3 8 5 6 7 -- -- -- 4 -- -- -- -- 9 MCP6054 SOIC, TSSOP 1 2 3 4 5 6 7 8 9 10 11 12 13 14 -- -- Symbol VOUT, VOUTA VIN-, VINA- VIN+, VINA+ VDD VINB+ VINB- VOUTB VOUTC VINC- VINC+ VSS VIND+ VIND- VOUTD NC EP Description Analog Output (op amp A) Inverting Input (op amp A) Non-inverting Input (op amp A) Positive Power Supply Non-inverting Input (op amp B) Inverting Input (op amp B) Analog Output (op amp B) Analog Output (op amp C) Inverting Input (op amp C) Non-inverting Input (op amp C) Negative Power Supply Non-inverting Input (op amp D) Inverting Input (op amp D) Analog Output (op amp D) No Internal Connection
Exposed Thermal Pad (EP); must be connected to VSS.
2x3 TDFN 6 2 3 7 -- -- -- -- -- -- 4 -- -- -- 1, 5, 8 9
3.1
Analog Outputs
3.3
Power Supply Pins
The output pins are low-impedance voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs are highimpedance CMOS inputs with low bias currents.
The positive power supply (VDD) is 1.8V to 6.0V higher than the negative power supply (VSS). For normal operation, the other pins are at voltages between VSS and VDD. Typically, these parts are used in a single (positive) supply configuration. In this case, VSS is connected to ground and VDD is connected to the supply. VDD will need bypass capacitors.
3.4
Exposed Thermal Pad (EP)
There is an internal electrical connection between the Exposed Thermal Pad (EP) and the VSS pin; they must be connected to the same potential on the Printed Circuit Board (PCB).
(c) 2009 Microchip Technology Inc.
DS22182A-page 13
MCP6051/2/4
NOTES:
DS22182A-page 14
(c) 2009 Microchip Technology Inc.
MCP6051/2/4
4.0 APPLICATION INFORMATION
VDD D1 V1 R1 V2 R2 R3 VSS - (minimum expected V1) 2 mA VSS - (minimum expected V2) R2 > 2 mA R1 > MCP605X D2 The MCP6051/2/4 family of op amps is manufactured using Microchip's state-of-the-art CMOS process and is specifically designed for low-power, high precision applications.
4.1
4.1.1
Rail-to-Rail Input
PHASE REVERSAL
The MCP6051/2/4 op amps are designed to prevent phase reversal when the input pins exceed the supply voltages. Figure 2-34 shows the input voltage exceeding the supply voltage without any phase reversal.
4.1.2
INPUT VOLTAGE AND CURRENT LIMITS
The ESD protection on the inputs can be depicted as shown in Figure 4-1. This structure was chosen to protect the input transistors and to minimize input bias current (IB). The input ESD diodes clamp the inputs when they try to go more than one diode drop below VSS. They also clamp any voltage that go too far above VDD; their breakdown voltage is high enough to allow normal operation and low enough to bypass ESD events within the specified limits.
FIGURE 4-2: Inputs.
Protecting the Analog
It is also possible to connect the diodes to the left of the resistors R1 and R2. In this case, the currents through the diodes D1 and D2 need to be limited by some other mechanism. The resistors then serve as in-rush current limiters; the DC currents into the input pins (VIN+ and VIN-) should be very small. A significant amount of current can flow out of the inputs when the common mode voltage (VCM) is below ground (VSS). (See Figure 2-36).
VDD Bond Pad
4.1.3
NORMAL OPERATION
VIN+ Bond Pad
Input Stage
Bond VIN- Pad
VSS Bond Pad
The input stage of the MCP6051/2/4 op amps uses two differential input stages in parallel. One operates at a low common mode input voltage (VCM), while the other operates at a high VCM. With this topology, the device operates with a VCM up to 300 mV above VDD and 300 mV below VSS. (See Figure 2-13) .The input offset voltage is measured at VCM = VSS - 0.3V and VDD + 0.3V to ensure proper operation. The transition between the input stages occurs when VCM is near VDD - 1.1V (See Figures 2-4, 2-5 and Figure 2-6). For the best distortion performance and gain linearity, with non-inverting gains, avoid this region of operation.
FIGURE 4-1: Structures.
Simplified Analog Input ESD
In order to prevent damage and/or improper operation of these op amps, the circuit they are in must limit the voltages and currents at the VIN+ and VIN- pins (see Absolute Maximum Ratings at the beginning of Section 1.0 "Electrical Characteristics"). Figure 4-2 shows the recommended approach to protecting these inputs. The internal ESD diodes prevent the input pins (VIN+ and VIN-) from going too far below ground, and the resistors R1 and R2 limit the possible current drawn out of the input pins. Diodes D1 and D2 prevent the input pins (VIN+ and VIN-) from going too far above VDD. When implemented as shown, resistors R1 and R2 also limit the current through D1 and D2.
4.2
Rail-to-Rail Output
The output voltage range of the MCP6051/2/4 op amps is VSS + 15 mV (minimum) and VDD - 15 mV (maximum) when RL = 10 k is connected to VDD/2 and VDD = 6.0V. Refer to Figures 2-27 and 2-28 for more information.
(c) 2009 Microchip Technology Inc.
DS22182A-page 15
MCP6051/2/4
4.3 Capacitive Loads
Driving large capacitive loads can cause stability problems for voltage feedback op amps. As the load capacitance increases, the feedback loop's phase margin decreases and the closed-loop bandwidth is reduced. This produces gain peaking in the frequency response, with overshoot and ringing in the step response. While a unity-gain buffer (G = +1) is the most sensitive to capacitive loads, all gains show the same general behavior. When driving large capacitive loads with these op amps (e.g., > 100 pF when G = +1), a small series resistor at the output (RISO in Figure 4-3) improves the feedback loop's phase margin (stability) by making the output load resistive at higher frequencies. The bandwidth will be generally lower than the bandwidth with no capacitance load. After selecting RISO for your circuit, double-check the resulting frequency response peaking and step response overshoot. Modify RISO's value until the response is reasonable. Bench evaluation and simulations with the MCP6051/2/4 SPICE macro model are very helpful.
4.4
Supply Bypass
With this family of operational amplifiers, the power supply pin (VDD for single-supply) should have a local bypass capacitor (i.e., 0.01 F to 0.1 F) within 2 mm for good high frequency performance. It can use a bulk capacitor (i.e., 1 F or larger) within 100 mm to provide large, slow currents. This bulk capacitor can be shared with other analog parts.
4.5
Unused Op Amps
- VIN MCP605X +
RISO VOUT CL
FIGURE 4-3: Output Resistor, RISO Stabilizes Large Capacitive Loads.
Figure 4-4 gives recommended RISO values for different capacitive loads and gains. The x-axis is the normalized load capacitance (CL/GN), where GN is the circuit's noise gain. For non-inverting gains, GN and the Signal Gain are equal. For inverting gains, GN is 1+|Signal Gain| (e.g., -1 V/V gives GN = +2 V/V).
10000 ()
VDD = 6.0 V RL = 100 k
An unused op amp in a quad package (MCP6054) should be configured as shown in Figure 4-5. These circuits prevent the output from toggling and causing crosstalk. Circuits A sets the op amp at its minimum noise gain. The resistor divider produces any desired reference voltage within the output voltage range of the op amp; the op amp buffers that reference voltage. Circuit B uses the minimum number of components and operates as a comparator, but it may draw more current. 1/4 MCP6054 (A) VDD R1 R2 VDD VREF 1/4 MCP6054 (B) VDD
Recommended R
ISO
1000
GN: 1 V/V 2 V/V 5 V/V
R2 V REF = V DD x -------------------R1 + R2
100
FIGURE 4-5:
Unused Op Amps.
10
1 1.E-11 10p
1.E-10 1.E-09 1.E-08 1.E-07 1.E-06 100p 1n 10n 0.1 1 Normalized Load Capacitance; CL/GN (F)
FIGURE 4-4: Recommended RISO Values for Capacitive Loads.
DS22182A-page 16
(c) 2009 Microchip Technology Inc.
MCP6051/2/4
4.6 PCB Surface Leakage 4.7
4.7.1
Application Circuits
GYRATOR
In applications where low input bias current is critical, Printed Circuit Board (PCB) surface leakage effects need to be considered. Surface leakage is caused by humidity, dust or other contamination on the board. Under low humidity conditions, a typical resistance between nearby traces is 1012. A 5V difference would cause 5 pA of current to flow; which is greater than the MCP6051/2/4 family's bias current at +25C (1.0 pA, typical). The easiest way to reduce surface leakage is to use a guard ring around sensitive pins (or traces). The guard ring is biased at the same voltage as the sensitive pin. An example of this type of layout is shown in Figure 4-6.
The MCP6051/2/4 op amps can be used in gyrator applicaitons. The gyrator is an electric circuit which can make a capacitive circuit behave inductively. Figure 47 shows an example of a gyrator simulating inductance, with an approximately equivalent circuit below. The two ZIN have similar values in typical applications. The primary application for a gyrator is to reduce the size and cost of a system by removing the need for bulky, heavy and expensive inductors. For example, RLC bandpass filter characteristics can be realized with capacitors, resistors and operational amplifiers without using inductors. Moreover, gyrators will typically have higher accuracy than real inductors, due to the lower cost of precision capacitors than inductors.
.
Guard Ring
VIN- VIN+
VSS
RL ZIN MCP6051 C R Z IN = R L + jL L = RL RC ZIN RL Equivalent Circuit L VOUT
FIGURE 4-6: for Inverting Gain.
1.
Example Guard Ring Layout
Gyrator
2.
Non-inverting Gain and Unity-Gain Buffer: a) Connect the non-inverting pin (VIN+) to the input with a wire that does not touch the PCB surface. b) Connect the guard ring to the inverting input pin (VIN-). This biases the guard ring to the common mode input voltage. Inverting Gain and Transimpedance Gain Amplifiers (convert current to voltage, such as photo detectors): a) Connect the guard ring to the non-inverting input pin (VIN+). This biases the guard ring to the same reference voltage as the op amp (e.g., VDD/2 or ground). b) Connect the inverting pin (VIN-) to the input with a wire that does not touch the PCB surface.
FIGURE 4-7:
Gyrator.
(c) 2009 Microchip Technology Inc.
DS22182A-page 17
MCP6051/2/4
4.7.2 INSTRUMENTATION AMPLIFIER 4.7.3 PRECISION COMPARATOR
The MCP6051/2/4 op amps are well suited for conditioning sensor signals in battery-powered applications. Figure 4-8 shows a two op amp instrumentation amplifier, using the MCP6052, that works well for applications requiring rejection of common mode noise at higher gains. The reference voltage (VREF) is supplied by a low impedance source. In single supply applications, VREF is typically VDD/2. RG VREF R1 R2 R2 R1 VOUT 100 k V2 1/2 MCP6052 V1 R 1 2R 1 V OUT = ( V 1 - V 2 ) 1 + ----- + -------- + V REF R2 RG 1/2 MCP6052 Use high gain before a comparator to improve the latter's input offset performance. Figure 4-9 shows a gain of 11 V/V placed before a comparator. The reference voltage VREF can be any value between the supply rails.
VIN MCP6051
1 M VREF
MCP6541
VOUT
FIGURE 4-9: Comparator.
Precision, Non-inverting
FIGURE 4-8: Two Op Amp Instrumentation Amplifier.
To obtain the best CMRR possible, and not limit the performance by the resistor tolerances, set a high gain with the RG resistor.
DS22182A-page 18
(c) 2009 Microchip Technology Inc.
MCP6051/2/4
5.0 DESIGN AIDS
5.5
Microchip provides the basic design tools needed for the MCP6051/2/4 family of op amps.
Analog Demonstration and Evaluation Boards
5.1
SPICE Macro Model
The latest SPICE macro model for the MCP6051/2/4 op amps is available on the Microchip web site at www.microchip.com. This model is intended to be an initial design tool that works well in the op amp's linear region of operation over the temperature range. See the model file for information on its capabilities. Bench testing is a very important part of any design and cannot be replaced with simulations. Also, simulation results using this macro model need to be validated by comparing them to the data sheet specifications and characteristic curves.
Microchip offers a broad spectrum of Analog Demonstration and Evaluation Boards that are designed to help you achieve faster time to market. For a complete listing of these boards and their corresponding user's guides and technical information, visit the Microchip web site at www.microchip.com/ analogtools. Some boards that are especially useful are: MCP6XXX Amplifier Evaluation Board 1 MCP6XXX Amplifier Evaluation Board 2 MCP6XXX Amplifier Evaluation Board 3 MCP6XXX Amplifier Evaluation Board 4 Active Filter Demo Board Kit 5/6-Pin SOT-23 Evaluation Board, P/N VSUPEV2 8-Pin SOIC/MSOP/TSSOP/DIP Evaluation Board, P/N SOIC8EV * 14-Pin SOIC/TSSOP/DIP Evaluation Board, P/N SOIC14EV * * * * * * *
5.2
FilterLab(R) Software
Microchip's FilterLab(R) software is an innovative software tool that simplifies analog active filter (using op amps) design. Available at no cost from the Microchip web site at www.microchip.com/filterlab, the FilterLab design tool provides full schematic diagrams of the filter circuit with component values. It also outputs the filter circuit in SPICE format, which can be used with the macro model to simulate actual filter performance.
5.6
Application Notes
The following Microchip Analog Design Note and Application Notes are available on the Microchip web site at www.microchip.com/appnotes and are recommended as supplemental reference resources: * ADN003: "Select the Right Operational Amplifier for your Filtering Circuits", DS21821 * AN722: "Operational Amplifier Topologies and DC Specifications", DS00722 * AN723: "Operational Amplifier AC Specifications and Applications", DS00723 * AN884: "Driving Capacitive Loads With Op Amps", DS00884 * AN990: "Analog Sensor Conditioning Circuits - An Overview", DS00990 * AN1177: "Op Amp Precision Design: DC Errors", DS01177 * AN1228: "Op Amp Precision Design: Random Noise", DS01228 These application notes and others are listed in the design guide: * "Signal Chain Design Guide", DS21825
5.3
MindiTM Circuit Designer & Simulator
Microchip's MindiTM Circuit Designer & Simulator aids in the design of various circuits useful for active filter, amplifier and power-management applications. It is a free online circuit designer & simulator available from the Microchip web site at www.microchip.com/mindi. This interactive circuit designer & simulator enables designers to quickly generate circuit diagrams, simulate circuits. Circuits developed using the Mindi Circuit Designer & Simulator can be downloaded to a personal computer or workstation.
5.4
Microchip Advanced Part Selector (MAPS)
MAPS is a software tool that helps semiconductor professionals efficiently identify Microchip devices that fit a particular design requirement. Available at no cost from the Microchip website at www.microchip.com/ maps, the MAPS is an overall selection tool for Microchip's product portfolio that includes Analog, Memory, MCUs and DSCs. Using this tool you can define a filter to sort features for a parametric search of devices and export side-by-side technical comparasion reports. Helpful links are also provided for Datasheets, Purchase, and Sampling of Microchip parts.
(c) 2009 Microchip Technology Inc.
DS22182A-page 19
MCP6051/2/4
NOTES:
DS22182A-page 20
(c) 2009 Microchip Technology Inc.
MCP6051/2/4
6.0
6.1
PACKAGING INFORMATION
Package Marking Information
8-Lead SOIC (150 mil) (MCP6051, MCP6052) XXXXXXXX XXXXYYWW NNN Example: MCP6051E e3 SN^^0919 256
8-Lead 2x3 TDFN (MCP6051, MCP6052) XXX YWW NN
Example: AHA 919 25
14-Lead SOIC (150 mil) (MCP6054)
Example:
XXXXXXXXXXX XXXXXXXXXXX YYWWNNN
MCP6054 e3 E/SL^^ 0919256
14-Lead TSSOP (MCP6054)
Example:
XXXXXXXX YYWW NNN
MCP6054E 0919 256
Legend: XX...X Y YY WW NNN
e3
* Note:
Customer-specific information Year code (last digit of calendar year) Year code (last 2 digits of calendar year) Week code (week of January 1 is week `01') Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) This package is Pb-free. The Pb-free JEDEC designator ( e3 ) can be found on the outer packaging for this package.
In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information.
(c) 2009 Microchip Technology Inc.
DS22182A-page 21
MCP6051/2/4
/HDG 3ODVWLF 6PDOO 2XWOLQH 61 1DUURZ
1RWH
PP %RG\ >62,&@
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
D e N
E E1
NOTE 1 1 2 3 b h c h
A
A2
A1
L L1
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV 3LWFK 2YHUDOO +HLJKW 0ROGHG 3DFNDJH 7KLFNQHVV 6WDQGRII 2YHUDOO :LGWK 0ROGHG 3DFNDJH :LGWK 2YHUDOO /HQJWK &KDPIHU RSWLRQDO )RRW /HQJWK )RRWSULQW )RRW $QJOH /HDG 7KLFNQHVV /HDG :LGWK 0ROG 'UDIW $QJOH 7RS 0ROG 'UDIW $QJOH %RWWRP 1 H $ $ $ ( ( ' K / / I F E D E 0,1
0,//,0(7(56 120 %6& %6& %6& %6& 5() 0$;
1RWHV 3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD 6LJQLILFDQW &KDUDFWHULVWLF 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( < 0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV 5() 5HIHUHQFH 'LPHQVLRQ XVXDOO\ ZLWKRXW WROHUDQFH IRU LQIRUPDWLRQ SXUSRVHV RQO\
PP SHU VLGH
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &
%
DS22182A-page 22
(c) 2009 Microchip Technology Inc.
MCP6051/2/4
/HDG 3ODVWLF 6PDOO 2XWOLQH 61 1DUURZ
1RWH
PP %RG\ >62,&@
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
(c) 2009 Microchip Technology Inc.
DS22182A-page 23
MCP6051/2/4
/HDG 3ODVWLF 'XDO )ODW 1R /HDG 3DFNDJH 01 [ [
1RWH
PP %RG\ >7')1@
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
DS22182A-page 24
(c) 2009 Microchip Technology Inc.
MCP6051/2/4
/HDG 3ODVWLF 'XDO )ODW 1R /HDG 3DFNDJH 01 [ [
1RWH
PP %RG\ >7')1@
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
(c) 2009 Microchip Technology Inc.
DS22182A-page 25
MCP6051/2/4
/HDG 3ODVWLF 6PDOO 2XWOLQH 6/ 1DUURZ
1RWH
PP %RG\ >62,&@
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
D N
E E1 NOTE 1 1 2 b 3 e h h A2 c
A
A1
L L1
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV 3LWFK 2YHUDOO +HLJKW 0ROGHG 3DFNDJH 7KLFNQHVV 6WDQGRII 2YHUDOO :LGWK 0ROGHG 3DFNDJH :LGWK 2YHUDOO /HQJWK &KDPIHU RSWLRQDO )RRW /HQJWK )RRWSULQW )RRW $QJOH /HDG 7KLFNQHVV /HDG :LGWK 0ROG 'UDIW $QJOH 7RS 0ROG 'UDIW $QJOH %RWWRP 1 H $ $ $ ( ( ' K / / I F E D E 0,1
0,//,0(7(56 120 %6& %6& %6& %6& 5() 0$;
1RWHV 3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD 6LJQLILFDQW &KDUDFWHULVWLF 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( < 0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV 5() 5HIHUHQFH 'LPHQVLRQ XVXDOO\ ZLWKRXW WROHUDQFH IRU LQIRUPDWLRQ SXUSRVHV RQO\ 0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &
PP SHU VLGH
%
DS22182A-page 26
(c) 2009 Microchip Technology Inc.
MCP6051/2/4
1RWH )RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
(c) 2009 Microchip Technology Inc.
DS22182A-page 27
MCP6051/2/4
/HDG 3ODVWLF 7KLQ 6KULQN 6PDOO 2XWOLQH 67
1RWH
PP %RG\ >76623@
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVH VHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW KWWS ZZZ PLFURFKLS FRP SDFNDJLQJ
D N
E E1
NOTE 1 12 e b A A2 c
A1
8QLWV 'LPHQVLRQ /LPLWV 1XPEHU RI 3LQV 3LWFK 2YHUDOO +HLJKW 0ROGHG 3DFNDJH 7KLFNQHVV 6WDQGRII 2YHUDOO :LGWK 0ROGHG 3DFNDJH :LGWK 0ROGHG 3DFNDJH /HQJWK )RRW /HQJWK )RRWSULQW )RRW $QJOH /HDG 7KLFNQHVV 1 H $ $ $ ( ( ' / / I F
L1
0,//,0(7(56 0,1 120 %6& %6& 0$;
L
5()
/HDG :LGWK E 1RWHV 3LQ YLVXDO LQGH[ IHDWXUH PD\ YDU\ EXW PXVW EH ORFDWHG ZLWKLQ WKH KDWFKHG DUHD 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( < 0 %6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV 5() 5HIHUHQFH 'LPHQVLRQ XVXDOO\ ZLWKRXW WROHUDQFH IRU LQIRUPDWLRQ SXUSRVHV RQO\
PP SHU VLGH
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &
%
DS22182A-page 28
(c) 2009 Microchip Technology Inc.
MCP6051/2/4
APPENDIX A: REVISION HISTORY
Revision A (May 2009)
* Original Release of this Document.
(c) 2009 Microchip Technology Inc.
DS22182A-page 29
MCP6051/2/4
NOTES:
DS22182A-page 30
(c) 2009 Microchip Technology Inc.
MCP6051/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device X Temperature Range /XX Package Examples:
a) b) c) d) MCP6051-E/SN: MCP6051T-E/SN: MCP6051-E/MNY: MCP6051T-E/MNY: 8LD SOIC package Tape and Reel, 8LD SOIC package 8LD 2x3 TDFN package Tape and Reel, 8LD 2x3 TDFN package 8LD SOIC package Tape and Reel, 8LD SOIC package 8LD 2x3 TDFN package Tape and Reel 8LD 2x3 TDFN package 14LD SOIC package Tape and Reel, 14LD SOIC package 14LD TSSOP package Tape and Reel, 14LD TSSOP package
Device:
MCP6051: MCP6051T: MCP6052: MCP6052T: MCP6054: MCP6054T:
Single Op Amp Single Op Amp (Tape and Reel) (SOIC and 2x3 TDFN) Dual Op Amp Dual Op Amp (Tape and Reel) (SOIC and 2x3 TDFN) Quad Op Amp Quad Op Amp (Tape and Reel) (SOIC and TSSOP)
a) b) c) d)
MCP6052-E/SN: MCP6052T-E/SN: MCP6052-E/MNY: MCP6052T-E/MNY:
Temperature Range: E
= -40C to +125C
Package:
MNY * SL = SN = ST =
= Plastic Dual Flat, No Lead, (2x3 TDFN ) 8-lead Plastic SOIC (150 mil Body), 14-lead Plastic SOIC, (150 mil Body), 8-lead Plastic TSSOP (4.4mm Body), 14-lead
a) b) c) d)
MCP6054-E/SL: MCP6054T-E/SL: MCP6054-E/ST: MCP6054T-E/ST:
* Y = Nickel palladium gold manufacturing designator. Only available on the TDFN package.
(c) 2009 Microchip Technology Inc.
DS22182A-page 31
MCP6051/2/4
NOTES:
DS22182A-page 32
(c) 2009 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
*
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break Microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION, QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE. Microchip disclaims all liability arising from this information and its use. Use of Microchip devices in life support and/or safety applications is entirely at the buyer's risk, and the buyer agrees to defend, indemnify and hold harmless Microchip from any and all damages, claims, suits, or expenses resulting from such use. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, KEELOQ logo, MPLAB, PIC, PICmicro, PICSTART, rfPIC, SmartShunt and UNI/O are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. FilterLab, Hampshire, Linear Active Thermistor, MXDEV, MXLAB, SEEVAL, SmartSensor and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, CodeGuard, dsPICDEM, dsPICDEM.net, dsPICworks, dsSPEAK, ECAN, ECONOMONITOR, FanSense, In-Circuit Serial Programming, ICSP, ICEPIC, Mindi, MiWi, MPASM, MPLAB Certified logo, MPLIB, MPLINK, mTouch, nanoWatt XLP, PICkit, PICDEM, PICDEM.net, PICtail, PIC32 logo, PowerCal, PowerInfo, PowerMate, PowerTool, REAL ICE, rfLAB, Select Mode, Total Endurance, TSHARC, WiperLock and ZENA are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2009, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
Microchip received ISO/TS-16949:2002 certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona; Gresham, Oregon and design centers in California and India. The Company's quality system processes and procedures are for its PIC(R) MCUs and dsPIC(R) DSCs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
(c) 2009 Microchip Technology Inc.
DS22182A-page 33
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: http://support.microchip.com Web Address: www.microchip.com Atlanta Duluth, GA Tel: 678-957-9614 Fax: 678-957-1455 Boston Westborough, MA Tel: 774-760-0087 Fax: 774-760-0088 Chicago Itasca, IL Tel: 630-285-0071 Fax: 630-285-0075 Cleveland Independence, OH Tel: 216-447-0464 Fax: 216-447-0643 Dallas Addison, TX Tel: 972-818-7423 Fax: 972-818-2924 Detroit Farmington Hills, MI Tel: 248-538-2250 Fax: 248-538-2260 Kokomo Kokomo, IN Tel: 765-864-8360 Fax: 765-864-8387 Los Angeles Mission Viejo, CA Tel: 949-462-9523 Fax: 949-462-9608 Santa Clara Santa Clara, CA Tel: 408-961-6444 Fax: 408-961-6445 Toronto Mississauga, Ontario, Canada Tel: 905-673-0699 Fax: 905-673-6509
ASIA/PACIFIC
Asia Pacific Office Suites 3707-14, 37th Floor Tower 6, The Gateway Harbour City, Kowloon Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431 Australia - Sydney Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 China - Beijing Tel: 86-10-8528-2100 Fax: 86-10-8528-2104 China - Chengdu Tel: 86-28-8665-5511 Fax: 86-28-8665-7889 China - Hong Kong SAR Tel: 852-2401-1200 Fax: 852-2401-3431 China - Nanjing Tel: 86-25-8473-2460 Fax: 86-25-8473-2470 China - Qingdao Tel: 86-532-8502-7355 Fax: 86-532-8502-7205 China - Shanghai Tel: 86-21-5407-5533 Fax: 86-21-5407-5066 China - Shenyang Tel: 86-24-2334-2829 Fax: 86-24-2334-2393 China - Shenzhen Tel: 86-755-8203-2660 Fax: 86-755-8203-1760 China - Wuhan Tel: 86-27-5980-5300 Fax: 86-27-5980-5118 China - Xiamen Tel: 86-592-2388138 Fax: 86-592-2388130 China - Xian Tel: 86-29-8833-7252 Fax: 86-29-8833-7256 China - Zhuhai Tel: 86-756-3210040 Fax: 86-756-3210049
ASIA/PACIFIC
India - Bangalore Tel: 91-80-3090-4444 Fax: 91-80-3090-4080 India - New Delhi Tel: 91-11-4160-8631 Fax: 91-11-4160-8632 India - Pune Tel: 91-20-2566-1512 Fax: 91-20-2566-1513 Japan - Yokohama Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Korea - Daegu Tel: 82-53-744-4301 Fax: 82-53-744-4302 Korea - Seoul Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934 Malaysia - Kuala Lumpur Tel: 60-3-6201-9857 Fax: 60-3-6201-9859 Malaysia - Penang Tel: 60-4-227-8870 Fax: 60-4-227-4068 Philippines - Manila Tel: 63-2-634-9065 Fax: 63-2-634-9069 Singapore Tel: 65-6334-8870 Fax: 65-6334-8850 Taiwan - Hsin Chu Tel: 886-3-6578-300 Fax: 886-3-6578-370 Taiwan - Kaohsiung Tel: 886-7-536-4818 Fax: 886-7-536-4803 Taiwan - Taipei Tel: 886-2-2500-6610 Fax: 886-2-2508-0102 Thailand - Bangkok Tel: 66-2-694-1351 Fax: 66-2-694-1350
EUROPE
Austria - Wels Tel: 43-7242-2244-39 Fax: 43-7242-2244-393 Denmark - Copenhagen Tel: 45-4450-2828 Fax: 45-4485-2829 France - Paris Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Germany - Munich Tel: 49-89-627-144-0 Fax: 49-89-627-144-44 Italy - Milan Tel: 39-0331-742611 Fax: 39-0331-466781 Netherlands - Drunen Tel: 31-416-690399 Fax: 31-416-690340 Spain - Madrid Tel: 34-91-708-08-90 Fax: 34-91-708-08-91 UK - Wokingham Tel: 44-118-921-5869 Fax: 44-118-921-5820
03/26/09
DS22182A-page 34
(c) 2009 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of MCP6052T-EMNY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X